Part Number Hot Search : 
12NF0 431FP ISPLSI PA8574A 1207A CZRF22VB 06161 S0100
Product Description
Full Text Search
 

To Download PE4005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet sma male connector solder attachment for pe-sr405al, pe-sr405fl, rg405 confguration connector sma male connector interface type pe-sr405al,pe-sr405fl,rg405 cable attachment method (shield/contact) solder/solder body style straight electrical specifcations frequency range, ghz dc to 18 impedance, ohms 50 mechanical specifcations size length, in [mm] 0.405 [10.29] width/dia., in [mm] 0.312 [7.92] . weight, lbs [g] 0.006 [2.72] connector type sma male contact material and plating brass, gold contact plating specifcation 50 in. minimum, mil-g-45204 coupling nut material and plating brass, nickel hex size, in. 5/16 torque, in-lbs [nm] 5 [0.57] body material and plating stainless steel, gold body plating specifcation 5 in. minimum, mil-g-45204 compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: sma male connector solder attachment for pe-sr405al, pe-sr405fl, rg405 PE4005 PE4005 PE4005 rev 01 sma male connector solder attachment for pe-sr405al, pe-sr405fl, rg405
2 technical data sheet plotted and other data notes: v alues at 25 c, sea level sma male connector solder attachment for pe-sr405al, pe-sr405fl, rg405 from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: sma male connector solder attachment for pe-sr405al, pe-sr405fl, rg405 PE4005 url: http://www.pasternack.com/sma-male-standard-pe-sr405al-pe-sr405f-rg405-connector-PE4005-p.aspx sma male connector solder attachment for pe-sr405al, pe-sr405fl, rg405 PE4005 PE4005 rev 01
? 2013 pasternack enterprises all rights reserved 3 PE4005 rev 01 sma male connector solder attachment for pe-sr405al, pe-sr405fl, rg405 PE4005 cad drawing


▲Up To Search▲   

 
Price & Availability of PE4005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X